PART |
Description |
Maker |
APW7208 APW7208CTI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
|
Anpec Electronics Coropration
|
APW7209CTI-TRG APW7209-13 |
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
|
Anpec Electronics Coroprati... Anpec Electronics Corop...
|
NCV3063DR2G NCP3063BDR2G NCP3063PG NCP3063DR2G NCP |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.5 A SWITCHING REGULATOR, 190 kHz SWITCHING FREQ-MAX, PDSO8 1.5 A, Step-Up/Down/ Inverting Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
ON Semiconductor
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
LT1767EMS8E-3.3TRPBF LT1767EMS8E-3.3PBF LT1767EMS8 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
MIC2253-06YML |
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
|
Micrel Semiconductor
|
LT1372 LT1372CN8 LT1372CS8 LT1372HV LT1372HVCN8 LT |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MIC22705 MIC22705YML |
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|
ISL8013A |
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|