PART |
Description |
Maker |
RT8058 |
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
APW7208 APW7208CTI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
|
Anpec Electronics Coropration
|
APW7136BCI-TRG APW7136A10 APW7136CCI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
|
Anpec Electronics Coropration
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1269CSWTRPBF LT1268CQPBF LT1176CSWTR |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 4 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 7.5 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSSO5 Step-Down Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC33167TVG MC33167D2TR4G |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
MIC22602YML |
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|
ISL8036ADUALEVAL1Z ISL8036CRSHEVAL1Z ISL8036ACRSHE |
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
|
Renesas Electronics Corporation
|
ISL8014A |
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|