PART |
Description |
Maker |
NCP1589AMNTWG NCP1589BMNTWG NCP1589A NCP1589AMNTXG |
Single Phase Buck Controller SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO10 Low Voltage Synchronous Buck Controller
|
Rectron Semiconductor
|
R1280D002A-TR R1280D002B R1280D002B-TR R1280D002C |
2CH PWM DC/DC Controller 0.05 A DUAL SWITCHING CONTROLLER, 805 kHz SWITCHING FREQ-MAX, PDSO10 2CH PWM DC/DC Controller 2声道的PWM DC / DC控制
|
Ricoh Co., Ltd. RICOH electronics devic...
|
MIC2169AYMM |
500kHz PWM Synchronous Buck Control IC SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO10
|
Micrel Semiconductor, Inc.
|
ADP1872ARMZ-0.3-R7 ADP1872ARMZ-0.6-R7 |
SWITCHING CONTROLLER, PDSO10 ROHS COMPLIANT, MO-187BA, MSOP-10
|
Analog Devices, Inc.
|
LTC3809EMSE-TR LTC3809EMSE-PBF LTC3809EDD-TR LTC38 |
No RSENSE? Low EMI, Synchronous DC/DC Controller No Rsense, Low EMI, Synchronous DC/DC Controller; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, 825 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC3407EDD-2PBF LTC3407IDD-2PBF LTC3407EMSE-2PBF L |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT3471EDDPBF |
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm × 3mm DFN; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 2.6 A DUAL SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
MP4560DQ-Z |
4.7 A SWITCHING REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO10
|
MONOLITHIC POWER SYSTEMS INC
|
MAX1928EUB15T |
Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters 0.8 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc.
|
ZXBM2001 ZXBM2001X10TA ZXBM2001X10TC ZXBM2003 ZXBM |
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER BRUSHLESS DC MOTOR CONTROLLER, PDSO10
|
Diodes, Inc. ZETEX[Zetex Semiconductors]
|
BD9730KV |
0.03 A SWITCHING CONTROLLER, 700 kHz SWITCHING FREQ-MAX, PQFP48 5-Channel Switching Regulator Controller for Digital Still Camera
|
Rohm
|