PART |
Description |
Maker |
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
0399100302 399100302 913502 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 2 Circuits 10.16mm (.400) Beau?/a> Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 2 Circuits 10.16mm (.400") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
399100104 0399100104 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits 10.16mm (.400") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits
|
Molex Electronics Ltd.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
92B0503-POZI-56 0399200703 |
15.00mm (.591) Beau?/a> Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 115.0A, 3 Circuits 15.00mm (.591) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 115.0A, 3 Circuits 15.00mm (.591") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 115.0A, 3 Circuits
|
Molex Electronics Ltd.
|
DL5224 DL5279 DL5267 DL5243 DL5226 DL5242 DL5223 |
Terminal Block; Number of Positions:2; Wire Size (AWG):14-2; Number of Contacts:2; Terminal Block Clamp Type:Power Block Splicer RES 499K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS surface mount silicon Zener diodes 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE RES 49.9K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Terminal Block; Number of Positions:2; Number of Contacts:2; Terminal Block Clamp Type:Power Stud Block
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
0399100110 399100110 910510 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0399100304 913504 |
MOLEX Connector 10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 4 Circuits
|
Molex Electronics Ltd.
|
1-1546018-0 2-1546018-0 2-1546018-2 2-1546018-1 2- |
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Tyco Electronics
|
|