PART |
Description |
Maker |
39870-0707 39870-0712 39870-0704 39870-0509 39870- |
5mm pluggable header 7 position 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,12 Contacts,PIN 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 5mm pluggable header 4 position 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 5MM VERT TIN 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 871606 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
0530480910 53048-0910 |
1.25mm (.049) Pitch PicoBlade Header, Right Angle, 9 Circuits 1.25mm (.049") Pitch PicoBlade垄芒 Header, Right Angle, 9 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
90325-7006 90325-7008 90325-7010 90325-7012 90814- |
SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
|
MolexKits
|
70553-0014 70553-0108 70553-0021 70553-0115 70553- |
CONN HEADER 15POS .100 R/A GOLD 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:22; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr RA NPg 30 SAu 11Ckt 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr 120 RA 15 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr RA SR 30Au 13Ckt
|
Molex, Inc. MOLEX INC
|
43045-0421 43045-0621 43045-2423 43045-0622 43045- |
Header; No. of Contacts:4; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes POWER CONNECTOR Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes POWER CONNECTOR Microfit 3.0 RA PTH w/clip 30Au DR 24Ckt POWER CONNECTOR Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.118 Pitch,R ANGLE PC TAIL Terminal POWER CONNECTOR Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.118 Pitch,R ANGLE PC TAIL Terminal POWER CONNECTOR 430451621 POWER CONNECTOR Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,R ANGLE PC TAIL Terminal POWER CONNECTOR
|
Molex, Inc.
|
0022282025 22-28-2025 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Kinked PC Tails 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, with Kinked PC Tails 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, with Kinked PC Tai
|
Molex Electronics Ltd.
|
53780-1470 |
Wire-to-Board Header; No. of Contacts:14; Pitch Spacing:1.25mm; No. of Rows:1; Gender:Header; Series:53780; Body Material:PPS Polyphenylene Sulfide; Contact Material:Phosphor Bronze; Current Rating:1A; Housing Style:Right-Angle RoHS Compliant: Yes
|
MOLEX INC
|
HSMS-C120 HSMA-C120 HSMH-C120 HSMG-C120 HSMN-C120 |
HSMS-C120 · Right Angle ChipLED HSMA-C120 · This series of right angle mount ChipLEDs is designed with the smallest footprint to achieve high de HSMH-C120 · Right Angle ChipLED HSMG-C120 · Right Angle ChipLED HSMN-C120 · Right Angle ChipLED HSMM-C120 · Right Angle ChipLED HSMC-C120 · Right Angle ChipLED HSMD-C120 · Right Angle ChipLED HSME-C120 · Right Angle ChipLED HSML-C120 · Right Angle ChipLED HSMQ-C120 · Right Angle ChipLED HSMR-C120 · Right Angle ChipLED
|
Agilent (Hewlett-Packard)
|
53234-0960 |
Header; No. of Contacts:96; Pitch Spacing:2.54mm; No. of Rows:3; Series:53234; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 96 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER
|
Molex, Inc.
|
90121-0132 90121-0145 90121-0123 90121-0960 90121- |
Header; Number of Contacts:12; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Tn-A 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3POS .100 R/A TIN 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 40Ckt 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:5; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 15Ckt 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin
|
Molex, Inc. MOLEX INC
|
53015-0410 0530150410 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 4 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 4 Circuits
|
Molex Electronics Ltd.
|
|