PART |
Description |
Maker |
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FAB0109007 |
Fan cooled PSU for embedded railways applicatio
|
Power System Technology
|
LT1076 LT1076CK LT1076CQ LT1076CR LT1076CT LT1076C |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 8.5 A SWITCHING REGULATOR, 125 kHz SWITCHING FREQ-MAX, PZFM7 GT 19C 19#12 SKT PLUG 3.2 A SWITCHING REGULATOR, 125 kHz SWITCHING FREQ-MAX, PSSO7 Step-Down Switching Regulator From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LT1370HVCRTRPBF |
Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
BD8960NV-E2 BD8960NV10 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
BA9741F BA9741FS A5800965 BA9741F/FS |
Regulator LSIs > Switching regulator Two-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
MAX638 MAX638ACPA MAX638ACSA MAX638AEPA MAX638AESA |
Isolated Flyback Switching Regulator with 9V Output 0.525 A SWITCHING REGULATOR, 65 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin From old datasheet system 5V/Adjustable CMOS Step-down Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|