PART |
Description |
Maker |
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQI5N60C FQB5N60C FQB5N60CTM |
600V N-Channel MOSFET 4.5 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFU1N60A IRFR1N60A IRFR1N60ATR IRFR1N60ATRL IRFR1 |
600V Single N-Channel HEXFET Power MOSFET in a D-Pak package 600V Single N-Channel HEXFET Power MOSFET in a I-Pak package SMPS MOSFET Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
|
IRF[International Rectifier]
|
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
STD2HNK60Z STD2HNK60Z-1 STQ2HNK60ZR-AP STF2HNK60Z |
0.5 A, 600 V, 4.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 TO-92, 3 PIN N-channel 600V - 4.4楼? - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH垄芒 Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH?/a> Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH Power MOSFET N-channel 600V - 4.4ヘ - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH⑩ Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STP14NK60ZFP STB14NK60 STB14NK60Z STB14NK60Z-1 STB |
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP11NM60FDFP B11NM60FD P11NM60FD P11NM60FDFP STB1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
|
STMICROELECTRONICS[STMicroelectronics]
|
STW26NM60 |
N-CHANNEL 600V - 0.125 OHM - 26A TO-247 ZENER-PROTECTED MDMESH POWER MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics
|
STE40NC60 |
N-CHANNEL 600V 0.098 OHM 40A ISOTOP POWERMESH II POWER MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh⑩II MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|