PART |
Description |
Maker |
MAX5302EUA MAX5302CUA MAX5302 MAX5302EUA-T MAX5302 |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface 低功耗2位、电压输出DAC,串行接 Low-Power, 12-Bit Voltage-Output DAC with Serial Interface SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power / 12-Bit Voltage-Output DAC with Serial Interface Low-Power 12-Bit Voltage-Output DAC with Serial Interface From old datasheet system Digital to Analog Converter - Datasheet Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
MS6333 MS6333GU MS6333GTR MS6333Q MS6333QTR MS6333 |
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
|
MOSA ELECTRONICS
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
P87C552 P87C552SBAA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
|
PHILIPS[Philips Semiconductors]
|
XRD5408 XRD5408AID XRD5408AIP XRD5410 XRD5410AID X |
5V, Low Power, Voltage Output Serial 12-Bit DAC(5V 浣?????靛?杈??涓茶?12浣?/A杞???? 5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family SERIAL INPUT LOADING, 13 us SETTLING TIME, 10-BIT DAC, PDIP8 5V/ Low Power/ Voltage Output Serial 8/10/12-Bit DAC Family
|
Exar, Corp. Exar Corporation
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
5962F9211804Q9B 5962F9211804VYA 5962F9211804VYC 59 |
Low-Power, Serial, 14-Bit DACs with Voltage-Output Low-Power, Serial, 14-Bit DACs with Force-Sense Voltage-Output Precision High-Voltage Reference in SOT23 Controller Miscellaneous - Datasheet Reference 控制器杂数据表参
|
Actel, Corp.
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC7MP3125FTG TC7MP3125FK |
Low Voltage/Low Power 2-Bit × 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|