PART |
Description |
Maker |
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TC7MPB9307FK TC7MPB9307FT |
P SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
XRD5408 XRD5408AID XRD5408AIP XRD5410 XRD5410AID X |
5V, Low Power, Voltage Output Serial 12-Bit DAC(5V 浣?????靛?杈??涓茶?12浣?/A杞???? 5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family SERIAL INPUT LOADING, 13 us SETTLING TIME, 10-BIT DAC, PDIP8 5V/ Low Power/ Voltage Output Serial 8/10/12-Bit DAC Family
|
Exar, Corp. Exar Corporation
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962F9211804Q9B 5962F9211804VYA 5962F9211804VYC 59 |
Low-Power, Serial, 14-Bit DACs with Voltage-Output Low-Power, Serial, 14-Bit DACs with Force-Sense Voltage-Output Precision High-Voltage Reference in SOT23 Controller Miscellaneous - Datasheet Reference 控制器杂数据表参
|
Actel, Corp.
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
TC7WPB9306FC TC7WPB9306FK TC7WPB9307FC |
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
TC7SPB9306TU TC7SPB9307TU |
Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
TC7MPS3125FTG |
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
K6T1008V2C K6T1008V2C-B K6T1008V2C-D K6T1008V2C-F |
128K x8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|