PART |
Description |
Maker |
SIL20C SIL20C-05SADJ-VJ SIL20C-12SADJ-VJ SIL20C05S |
DC-DC CONVERTERS C Class Non-isolated
|
ARTESYN[Artesyn Technologies]
|
SMT10E-12W3V3J |
DC-DC CONVERTERS E Class Non-isolated
|
Emerson Network Power
|
SIL15E SIL15E-12W3V3 |
DC/DC CONVERTERS E Class Non-isolated
|
Emerson Network Power
|
SMT20C-12SADJJ SMT20C SMT20C-05SADJJ |
DC-DC CONVERTERS C Class Non-isolated
|
Artesyn Technologies
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MAX97000 MAX97000EWA |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
|
Maxim Integrated Products
|
FAB2210UCX |
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
|
Fairchild Semiconductor
|
F1740-410-3581 F1740-410-3511 F1740-327-3581 F1740 |
CONN HDR 88POS TH Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V 抑制,(双极)电容器级X1Y2交流275V/250V Suppression/ (Bi-polar) Capacitors Class X1Y2 AC 275V/250V Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MRF1000MB MRF1000MB-15 |
Class A, Class AB Microwave Power Silicon NPN Transistor 0.7 W, 960-1215 MHz, 18V
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
ECQU2A125L ECQU2A394L ECQU2A392L ECQU2A103L ECQU2A |
In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
|
Panasonic Semiconductor
|
MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices with Integrated DC-DC Converter
|
Maxim Integrated Products, Inc.
|