PART |
Description |
Maker |
SE98ATL SE98ATP SE98APW |
DDR memory module temp sensor, 1.7 V to 3.6 V
|
NXP Semiconductors
|
M368L6523BUM-LCC M381L6523BUM-LB3 M368L6523BTM-LCC |
64M X 64 DDR DRAM MODULE, 0.65 ns, DMA184 128M X 64 DDR DRAM MODULE, 0.65 ns, DMA184 128M X 72 DDR DRAM MODULE, 0.7 ns, DMA184 DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II DDR SDRAM的缓冲模84pin缓冲模块基于512Mb乙芯片与64/72-bit非ECC / ECC6 TSOP-II Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:48-TSOP; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70ns; Series:S29AL Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:48-FBGA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:90ns; Series:S29AL Single-Supply Voltage Translator 6-SOT-23 -40 to 85
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
BR34E02NUX-WTR |
DDR/DDR2 (For memory module) SPD Memory
|
Rohm
|
BR34E02FVT-W BR34E02NUX-W |
DDR/DDR2 (For memory module) SPD Memory
|
Rohm
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
8021 8002-12-001 8002-05-101 8002-05-011 8002-05-0 |
Temp Sensor, Low Voltage, -40C to 125C, 8-SOIC 150mil, TUBE Temp Sensor & Brushless DC Fan Controller / Over Temp Alert, -40C to 125C, 8-MSOP, TUBE Prog Solid-State Temp Sensor, -40C to 125C, 5-TO-220, TUBE 1.5A Dual MOSFET Drvr, -40C to 85C, 8-SOIC 150mil, T/R 1.5A DUAL MOSFET DRIVER, 0C to 70C, 8-MSOP, T/R 1.5A Dual MOSFET Drvr, -40C to 125C, 8-DFN, TUBE 1.5A Dual High-Speed Power MOSFET Drivers, -40C to 125C, 8-SOIC 150mil, TUBE Prog Solid-State Temp Sensor, 0C to 70C, 8-PDIP, TUBE Temp Sensor & Brushless DC Fan Controller / Over Temp Alert, -40C to 125C, 8-MSOP, TUBE 1.5A DUAL MOSFET DRIVER, -40C to 85C, 8-MSOP, T/R Temp Sensor, Low Voltage, 0C to 70C, 8-PDIP, TUBE 1.5A Dual MOSFET Drvr, -40C to 85C, 8-DFN, T/R DIP Reed Relays
|
TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Coto Technology
|
TK11034 TK11034M TK11034MTL TK11034MTL_34C TK11034 |
TEMPERATURE SENSOR IC ANALOG TEMP SENSOR-VOLTAGE, 1.57-1.65V, RECTANGULAR, SURFACE MOUNT TEMPERATURE SENSOR IC 温度传感器IC
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
PTC150PT-4000-DB392Q PTC150PT-4000-DB392W PTC200NF |
RTD TEMP SENSOR-PLATINUM, 400ohm, CYLINDRICAL, THROUGH HOLE MOUNT RTD TEMP SENSOR-NICKEL-IRON, 1000ohm, CYLINDRICAL, THROUGH HOLE MOUNT
|
RCD COMPONENTS INC
|
CM3132-02SB CM3132-02SH |
Triple Linear Voltage Regulator for DDR-I and DDR-II Memory and CPU
|
California Micro Devices Corp
|
MCP9843 |
Memory Module Temperature Sensor w/ EEPROM for SPD
|
Microchip Technology
|
MCP98243T-BE_MC MCP98243T-BE_MNY MCP98243T-BE_MUY |
Memory Module Temperature Sensor w/ EEPROM for SPD
|
Microchip Technology
|
AD7814ARTZ-REEL AD7814ART-REEL AD7814ARMZ AD7814AR |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3.50Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, MO-178AB, SOT-23, 6 PIN 10-Bit Digital Temperature Sensor in 6-Lead SOT-23 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3.50Cel, SQUARE, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|