PART |
Description |
Maker |
M5060TB400 M5060SB1600 M5060THA1200 M50100CC600 M5 |
3 PHASE, 60 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE ROHS COMPLIANT PACKAGE-5 Power Module 60 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 60 A, 1200 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT PACKAGE-4 100 A, 600 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT PACKAGE-4 3 PHASE, 100 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 100 A, 1200 V, SILICON, RECTIFIER DIODE 60 A, 400 V, SILICON, RECTIFIER DIODE 100 A, 400 V, SILICON, RECTIFIER DIODE 60 A, 1600 V, SILICON, RECTIFIER DIODE
|
Crydom, Inc. CRYDOM CORP
|
NRD4004TR-5KF NRD4001TR-5KF |
Surface Mount Silicon Rectifi er Diode 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
NIC-Components Corp. NIC COMPONENTS CORP
|
UMIL100A |
UHF 225-400 MHz, Class C, Common Emitter; P(out) (W): 100; P(in) (W): 16; Gain (dB): 8; Vcc (V): 28; Cob (pF): 120; fO (MHz): 0; Case Style: 55JU-2 UHF BAND, Si, NPN, RF POWER TRANSISTOR 100 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz 100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
Microsemi, Corp. Electronic Theatre Controls, Inc. ETC GHZTECH[GHz Technology]
|
SF18 SF12-AP SF12-BP SF14-AP SF16-AP |
1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components
|
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CBR6-100 CBR6-010 CBR6-020 CBR6-040 CBR6-060 CBR6- |
3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 6.0 AMPS, 100 THRU 1000 VOLTS Leaded Bridge Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
SBE818 |
30V, 2.0A Rectifi er
|
Sanyo Semicon Device
|
ENA0444A SB10015M-TL-E SB10015M12 |
15V, 1.0A Rectifi er
|
Sanyo Semicon Device
|
SBS822 |
20V, 1A Rectifi er
|
Sanyo Semicon Device
|
SDA188DECAUF SDA188DECAUFS SDA188DECAUFTX SDA188DE |
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts 50 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc http:// SOLID STATE DEVICES INC Solid States Devices, I...
|
|