PART |
Description |
Maker |
SRF8A0 SRF820 SRF830 SRF840 SRF850 SRF860 SRF880 |
SCHOTTKY BARRIER RECTIFIER 肖特基整 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts, Forward Current - 8.0Amperes
|
涓?捣???绉???????? Shanghai LUNSURE Electronic Technology Co., Ltd. CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
U30FWJ2C53M |
Schottky Barrier Rectifier Stack Trench Schottky Barrier Type Low Forward Voltage Schottky Barrier Type Switching Mode Power Supply Application Converter&Chopper Application
|
TOSHIBA
|
U1FWJ44N |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
U5GWJ2C48C 5GWJ2C48C |
SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATON CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
10FWJ2CZ47M |
SCHOTTKY BARRIER RECTIFIER STACK(LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE)
|
TOSHIBA[Toshiba Semiconductor]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
SD2010S030L0R1 SD2010S030L0R2 SD2010S030L0R3 SD201 |
Schottky Barrier Rectifier Diode Schottky Barrier Rectifier Diode Lead-less Chip Form
|
AVX Corporation
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|