PART |
Description |
Maker |
MHP100 |
100W TO-247 HIGH POWER RESISTORS
|
TT
|
APT20M38BVR APT20M38BVRG |
Power MOSFET; Package: TO-247 [B]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 67A 0.038 Ohm
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
BD250 BD250A BD250B BD250C BD249 BD249A BD249B BD2 |
POWER TRANSISTORS(25A,125W) TRANSISTOR|BJT|PNP|100VV(BR)CEO|25AI(C)|TO-247
TRANSISTOR|BJT|PNP|80VV(BR)CEO|25AI(C)|TO-247
TRANSISTOR|BJT|PNP|60VV(BR)CEO|25AI(C)|TO-247
TRANSISTOR|BJT|PNP|45VV(BR)CEO|25AI(C)|TO-247
POWER TRANSISTORS(25A/125W)
|
http:// MOSPEC[Mospec Semiconductor]
|
STB25NM50N-1 STF25NM50N STW25NM50N STP25NM50N STB2 |
N-channel 500V - 0.11Ω - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh Power MOSFET N-channel 500V - 0.11Ω - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 500V - 0.11楼? - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 500V - 0.11ヘ - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STB12NK80Z STB12NK80Z07 STP12NK80Z STW12NK80Z |
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH?/a> Power MOSFET N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH Power MOSFET N-channel 800V - 0.65楼? - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH垄芒 Power MOSFET N-channel 800V - 0.65ヘ - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics
|
STB11NM8007 STF11NM80 STP11NM80 STW11NM80 STB11NM8 |
N-channel 800 V - 0.35 Ω - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh Power MOSFET N-channel 800 V - 0.35 Ω - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh?/a> Power MOSFET N-channel 800 V - 0.35 楼? - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh垄芒 Power MOSFET N-channel 800 V - 0.35 ヘ - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|