PART |
Description |
Maker |
LTC3562EUD-PBF LTC3562EUD-TRPBF |
I2C Quad Synchronous Step-Down DC/DC Regulator 2 × 600mA, 2 × 400mA
|
Linear Technology
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
MB3883 MB388302 MB3883PV MB3883PFV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down DSC/Camcoder DC/DC Converters
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB3881 MB3881PFF |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Limited Fujitsu Component Limited.
|
MB3883PFV MB3883PV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Component Limited.
|
LTC1625 LTC1625CS LTC1625CGN LTC1625IGN LTC1625IS |
From old datasheet system No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator No R SENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology
|
FAN8303 FAN8303MX |
2 A 23 V Non-Synchronous Step-Down DC-DC Regulator 2A 23V Non-Synchronous Step-Down DC/DC Regulator
|
Fairchild Semiconductor
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|