PART |
Description |
Maker |
LTCHN |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology Corporation
|
LTCHK LTCHN LT3014BHVES5 LCHM LCHP LT3014B LT3014B |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
|
LINER[Linear Technology]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
E1008 E512 E530 E522 E531 E533 E513 |
Green, low profile surface mount LED. Lens translucent green. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.20V. High efficiency red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 5.0mcd (min), 12.0mcd (max). Typ.forward voltage at 20mA 2.00V. Ultra bright red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 40.0mcd (min), 70.0mcd (max). Typ.forward voltage at 20mA 1.85V. Yellow, low profile surface mount LED. Lens translucent yellow. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.10V. SMT Bright White LEDs
|
GILWAY[Gilway Technical Lamp]
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
MIC3775-1.5BMM MIC3775-1.5YMM MIC3775-1.65BMM MIC3 |
750mA 渭Cap Low-Voltage Low-Dropout Regulator 750mA μCap Low-Voltage Low-Dropout Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Micrel Semiconductor MICREL INC
|
1N659 1N660 FDLL659 1N661 1N746 1N963 1N3600 FDLL6 |
Ultra fast low capacitance diode. Working inverse voltage 50 V. High speed high conductance diode. Working inverse voltage 175 V. General purpose low diode. Working inverse voltage 100V. 500 mW silicon linear diode. Max zener impedance 6.0 Ohm, max zener voltage 7.5 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 5.1 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 7.0 Ohm, max zener voltage 6.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 23.0 Ohm, max zener voltage 3.9 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 11.0 Ohm, max zener voltage 5.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 24.0 Ohm, max zener voltage 3.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 22.0 Ohm, max zener voltage 4.3 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 5.0 Ohm, max zener voltage 6.8 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 8.0 Ohm, max zener voltage 8.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 10.0 V (Iz 20mA). General purpose low diode. Working inverse voltage 200V. General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|