PART |
Description |
Maker |
450CXW150MEFC18X40 |
105 Long Life(5000 hours),Ultra Miniaturized
|
RUBYCON CORPORATION
|
SLL |
Load Life : 85C 2000 hours
|
MERITEK ELECTRONICS COR...
|
200RX3033M10X20 63RX30220M12.5X20 |
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS Load Life : 130 1000?000 hours.
|
RUBYCON CORPORATION
|
128KXM050M 128KXM016M 128KXM035M 128KXM063M 128KXM |
High Voltage Low Impedance Long Life, 5000 hours
|
Illinois Capacitor, Inc...
|
EMZK160ADA EMZK160ADA101MF61G EMZK160ADA330ME61G E |
Low impedance, 5000-hours-life, 105?
|
United Chemi-Con, Inc.
|
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
AQY414SZ AQY14 AQY410SX AQY410SZ AQY414SX |
GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type 顾(一般使用)型SOP系列1 -频道(表B引脚 PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 400 V, load current 100 mA. PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 350 V, load current 120 mA.
|
Nais(Matsushita Electri... Panasonic, Corp. NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
AQV221 AQV221A AQV221AZ AQV225A AQV225AZ AQV225AX |
PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
5.0SMLJ90A 5.0SMLJ100A 5.0SMLJ110A 5.0SMLJ11A 5.0S |
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
AQV217AZ AQV210 AQV210A AQV210AX AQV210AZ AQV212 A |
PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 600V, load current 50 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 100V, load current 320 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. GU (General Use) Type [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
|