PART |
Description |
Maker |
FLD3F12JL |
MQW-DFB Return Path Laser
|
Fujitsu Media Devices
|
DL-3335AR-HFS DL-3338AR-XFS DL-3335AR-XFS DL-3338A |
Uncooled 1310 nm MQW-DFB LD for CATV return path application
|
Optoway Technology Inc
|
CX4005 CX4005T |
RF Splitter/Combiner for RF Return Path Applications in Cable TV. Distrib. Equip. (CX4005) - (9/02)
|
Pulse Engineering, Inc.
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
ARA2004 |
The ARA2004 is designed to provide the reverse path amplification and output level control functions in a CATV Set-Top Box or Cable ... Reverse Path Amplifiers
|
Anadigics Inc
|
KFF6106A |
Excellent Return Loss
|
CTS Corporation
|
4301 |
5-PORT RETURN STYLE FUEL PRESSURE REGULATOR
|
Mallory performance club
|
9710001BO100 9710002BO100 |
Throttle Position Sensor with Integrated Spring Return System
|
Vishay Siliconix
|
CS8190EDWF20 CS8190EDWFR20 CS8190ENF16 CS8190 |
Precision Air-Core Tach/Speedo Driver with Return to Zero 精密空心塔克/ Speedo泳衣与归零程
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
MAPDCT0010 MAPDCT0010TR MAPDCT0010-15 |
2 Way Reverse Path Power Divider 2 Way 0o Reverse Path Power Divider 5 to 100 MHz 2 Way 0篓卢 Reverse Path Power Divider 5 to 100 MHz
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
TC1279-5ENB TC1278 TC1278-10ENB TC1278-15ENB TC127 |
3-Pin Reset Monitors for 5V Systems 3引脚复位监控器的5V系统 Fast Recovery Power Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):3A; Non Repetitive Forward Surge Current Max, Ifsm:150A; Reverse Recovery Time, trr:50ns; Forward Voltage Max, VF:1V
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|