PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
PTC000X-01 |
LAN 10/100 Base T Low Profile Rj45 Jack
|
YCL
|
EPB5136G |
Low Profile Home Phone Networking Analog Magnetics Module with 10 Base-T
|
PCA ELECTRONICS INC.
|
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
FP3-100-R FP3-150-R FP3-1R0-R FP3-2R0-R FP3-1R5-R |
Low Profile Inductors 155°C maximum total temperature operation Low profile high current inductors
|
Cooper Bussmann, Inc.
|
M390S2858CTU-C7C M390S2858CTU M390S2858CTU-C1H M39 |
PC133/PC100 Low Profile Registered DIMM 128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD. Low Profile Registered DIMM. Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
Z-AXES-COIL ZC1003-0477J ZC1003-0720J ZC1003-0345J |
1003 SMD Z (vertical) AXIS COIL Low Profile SMD Z AXES COIL Low Profile 10x10x3 mm
|
PREMO CORPORATION S.L
|
HM7719007LTTR HM7729007LTTR HM77-33010ALF HM77-340 |
Low Profile Surface Mount Inductors 1 ELEMENT, 77 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 114 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 115 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 超薄表面贴装电感 Low Profile Surface Mount Inductors 1 ELEMENT, 1.01 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
HSMS-C191 HSMH-C191 HSMD-C191 HSMG-C191 |
Agilent HSMG-C191 Low Profile ChipLED 安捷伦HSMG - C191超薄型ChipLED HSMG-C191 · Agilent HSMG-C191 Low Profile ChipLED HSMD-C191 · Agilent HSMD-C191 Low Profile ChipLED HSMH-C191 · Agilent HSMH-C191 Low Profile ChipLED HSMS-C191 · Agilent HSMS-C191 Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
BD0810J50100A00 |
Ultra Low Profile 0805 Balun 50Ω to 100Ω Balanced Ultra Low Profile 0805 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
591D156X016B215H 591D156X016D215H 591D156X020C215H |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
AZ936-1A-3DE AZ936-1A-48DE AZ936-1A-5D AZ936-1A-9D |
Nominal coil VCD: 12; 10Amp low profile power relay Nominal coil VCD: 100; 10Amp low profile power relay Nominal coil VCD: 48; 10Amp low profile power relay Nominal coil VCD: 5; 10Amp low profile power relay 10 AMP LOW PROFILE POWER RELAY
|
ZETTLER electronics ETC List of Unclassifed Manufacturers
|