PART |
Description |
Maker |
Q62702-F722 BFP23 BFP26 Q62702-F622 |
PNP Silicon Transistor with high Reve... From old datasheet system PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BF421 BF423 Q62702-F496 Q62702-F532 |
PNP Silicon Transistors With High Reverse Voltage PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BFN21 Q62702-F1059 |
From old datasheet system PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
|
SIEMENS[Siemens Semiconductor Group]
|
BF821 BF823 BF821_823_3 BF821/T1 |
PNP high-voltage transistors From old datasheet system TRANSISTOR HIGH VOLTAGE
|
NXP PHILIPS[Philips Semiconductors]
|
MMBTA92LT1 MMBTA92LT1G MMBTA92LT3 MMBTA93LT1 MMBTA |
Small Signal High Voltage High Voltage Transistors(PNP Silicon)
|
ONSEMI[ON Semiconductor]
|
CTN391 |
0.750W High Voltage NPN Plastic Leaded Transistor. 200V Vceo, 0.500A Ic, 25 hFE.
|
Continental Device India Limited
|
STIP4006 STI2006 STIP3006 STI2506 STIP2506 STIP150 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:320V; Capacitance:60pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-202; Current, It av:6A; Holding Current:50mA TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 1A I(C) | TO-66 Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:10mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:20mA TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 1A I(C) | TO-66
|
|
KTC4520 |
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
|
KEC(Korea Electronics)
|
ZXTP5401ZTA ZXTP5401Z |
0.6 A, 150 V, PNP, Si, POWER TRANSISTOR 150V, SOT89, PNP High voltage transistor
|
ZETEX PLC Zetex Semiconductors Diodes Incorporated
|