PART |
Description |
Maker |
2SC3951 2SA1536 0097 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Video Output Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
DTA114EM3T5G DTA144WM3T5G DTA114TM3T5G DTA114YM3T5 |
Digital Transistors (BRT)(数字晶体管(BRT 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors(BRT) Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1419 0069 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1580 2SC4104 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N3906 2N3905 ON0043 2N3905-D |
General Purpose Transistors PNP Silicon Motorola Preferred Device From old datasheet system General Purpose Transistors(PNP Silicon)
|
ONSEMI[ON Semiconductor]
|
2SA1824 |
PNP Epitaxial Planar Silicon Transistors 50V/5A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2022 2SC5610 |
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR,BJT,NPN,50V V(BR)CEO,7A I(C),TO-220ML From old datasheet system
|
Sanyo Semiconductor Corp SANYO[Sanyo Semicon Device]
|
2SD1815 2SB1215 |
NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N6504G 2N650406 2N6667G 2N666705 2N6509TG 2N6504 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60?80 V, 65 W
|
ONSEMI[ON Semiconductor]
|
CPH3109 CPH3209 |
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
SANYO[Sanyo Semicon Device]
|