PART |
Description |
Maker |
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
NSBA123JF3T5G NSBA123TF3T5G NSBA143EF3T5G NSBA143Z |
BRT, PNP, 50 V, 100 mA, 100 k, none, SOT-1123 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors (BRT)
|
ON Semiconductor
|
BCX79-IX BCX79-VII BCX79-VIII BCX79-X Q62702-C718 |
From old datasheet system PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 RES,SMC,681,0HM,1/4W/1%,1 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益低集电极发射极饱和电压
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2SA1468 2SA1468C |
100 mA, 180 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Epitaxial
|
Renesas Electronics Corporation
|
2SA812-M4 2SA812-M5 2SA812-M6 2SA812-M7 M7-TP |
PNP Silicon Epitaxial Transistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components
|
2SB324 2SB709 2SB709A |
GE PNP ALLOY JUNCTION(UL TYPE) 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
BC307BRL1G |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
ON Semiconductor
|
BC857W BC857BW BC857CW BC858W BC858W/T3 BC856AW |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN PNP general purpose transistors
|
NXP Semiconductors N.V.
|
DDTA115EE-7 144EE-13 DDTA123EE-13 DDTA114EE-13 DTA |
20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MPS4354 CSA1266GR BC558 |
500 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
|