PART |
Description |
Maker |
TCD2558D |
IMAGE SENSOR-CCD, 5-7V, RECTANGULAR, THROUGH HOLE MOUNT The TCD2558D is a high sensitive and low dark current 5340 elements 3 line CCD color image sensor which includes CCD drive circuit, clamp circuit. TOSHIBA CCD Linear Image Sensor CCD (charge coupled device) 东芝防治荒漠化公约线性图像传感器CCD(电荷耦合器件
|
Toshiba Semiconductor Toshiba, Corp.
|
Q62705-K322 KPY62RK KPY62-RK KPY63RK KPY64RK KPY65 |
Silicon Piezoresistive Pressure Sensor Silicon Piezoresistive Pressure Sensor 硅压阻式压力传感 Current Mode Active Clamp PWM Controller 16-TSSOP -40 to 105
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
FT3000AV-80 FT3000AV FT3000AV-60 FT3000AV-70 |
Clamp-On Meter; DMM Type:Clamp; Calibrated:No RoHS Compliant: NA CURRENT CLAMP, EARTH LEAKAGE; RoHS Compliant: NA Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
|
POWEREX[Powerex Power Semiconductors]
|
MCP18480 |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
MICROCHIP[Microchip Technology]
|
Q62705-K328 KPY41-MR KPY42-MA KPY42-MR KPY43-MA KP |
Current Mode Active Clamp PWM Controller 16-SOIC -40 to 85 Silicon Pressure Sensor Module 硅压力传感器模块 PUBLICATIONS, BOOKS RoHS Compliant: NA 硅压力传感器模块
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q62901-B80 KTY19- KTY19-6M KTY19-6Z Q62705-K271 Q6 |
Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing SPECIALTY ANALOG CIRCUIT UCC289x Current Mode Active Clamp PWM Controller 16-SOIC -40 to 85 -Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
56.703.5053.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
HI2303 FN4106 HI2303JCQ HI2303EVAL |
A/D Converter, Triple, 8-Bit, 50MSPS, Converter with Clamp Function Tirple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function From old datasheet system Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
|
INTERSIL[Intersil Corporation]
|