PART |
Description |
Maker |
HFX6015-548 HFX6015-200 |
Super bright LED for optical fiber communication High accuracy by use of special plastic package with centered LED die
|
Honeywell Solid State E...
|
EC4188B |
High Power Factor & Accuracy Constant Current LED Driver
|
E-CMOS Corporation
|
SP7616ER-L_TR SP7616 SP7616ER-L SP7616ER-L/TR |
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
|
SIPEX[Sipex Corporation]
|
6340002505R 6340-305-505GPACKOF10 6346-005-505GPAC |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package LED INDICATOR 28VDC GREEN LED INDICATOR RED LED INDICATOR 5VDC RED LED GROSSFELD IM 15.7MM GEHAEUSE GRUEN 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input LED指示8V的直流红
|
Bourns, Inc.
|
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT3763HFETRPBF LT3763HFEPBF |
60V High Current Step-Down LED Driver Controller
|
Linear Technology
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
2SC3254 2SC3254S |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7A I(C) | TO-220AB 60V/7A High-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX688 MAX688CPA MAX688CSA MAX688CUA MAX688EPA MAX |
(103.27 k) High-Accuracy, Low-Dropout Linear Regulators From old datasheet system High-Accuracy / Low-Dropout Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MPXH6300A MPXH6300A6T1 MPXH6300AC6T1 MPXH6300AC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-44.09Psi, 1.5%, 0.30-4.91V, SQUARE, SURFACE MOUNT
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|