PART |
Description |
Maker |
POLS16-05T-P POLS16-05TA-P |
16A Output Current Rating DC/DC Open Frame Power Converter Single Output
|
Wall Industries,Inc.
|
VKA75LS02 VKA75LS03 VKA75LS05 VKA75LS12 VKA75LS15 |
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
FB0505S-2W FB0509S-2W FB1205S-2W FB2415S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
PPM03-S-09ELF PPM03-S-24ELF PPM03-S-33ELF PPM03-S- |
3 W AC/DC CONVERTER SINGLE OUTPUT
|
PEAK electronics GmbH
|
IB0505S-2W IB1205S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
CFM05S120-M CFM05S050-M CFM05S150-M |
Single Output AC/DC Converter
|
Make-Ps
|
KRB1205D-3W KRB2405D-3W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
URB2403MP-12W URB2412MP-12W URB2405MP-12W URB2415M |
SINGLE OUTPUT DC-DC CONVERTER
|
http:// MORNSUN Science& Technology Ltd.
|