PART |
Description |
Maker |
UNO-ADAM42 UNO-ADAM42-AE |
UNO-2000 & ADAM integration kit
|
Advantech Co., Ltd.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
QU80C186EC25 ES80C188EC20 INTELCORP-KU80C188EC20 E |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 80C186EC/80C188EC AND 80L186EC/80L188EC 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel Corporation
|
TN80C186EB25 TN80C188EBXX TN80C186EBXX 80C186EB20 |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT, 8 MHz, MICROPROCESSOR, PQFP80 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT, 20 MHz, MICROPROCESSOR, PQFP80 (N80C186EBxx / TN80C188EBxx) 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel Corp. Intel, Corp. Intel Corporation
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
UPC14305 UPC16308 UPC16318 UPC16315 UPC16305 UPC16 |
Useage of Three-Terminal Regulators | User's Manual[05/2000] 使用三端稳压器|用户手册[05/2000]
|
Atmel, Corp. TE Connectivity, Ltd. NEC, Corp.
|
24C04 ST25C04 ST25C04B1TR ST25C04B3TR ST25C04B5TR |
KIT, NIOS FOR CYCLONE II; Kit contents:Nios II Development Board, Nios II IDE, Quartus II Web Edition design software, SOPC Builder system integration tool, Cables and accessories, Design examples and applications RoHS Compliant: Yes IC MAX 7000 CPLD 256 208-PQFP PowerPak; Charge, gate n-channel:27nC; Current, Idm pulse:40A; Depth, external:5.26mm; RoHS Compliant: Yes MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:80V; Case style:PowerPak SO-8; Current, Id cont:7.6A (ST2xxx) 4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection From old datasheet system 4 Kbit Serial I 2 C Bus EEPROM with User-Defined Block Write Protection 4KbitSerialI2CBusEEPROMwithUser-DefinedBlockWriteProtection
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ZAPD-21 ZAPD-21-N |
500 MHz - 2000 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS ROHS COMPLIANT, CASE F14 Power Splitter/Combiner 2 Way-0 50ヘ 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50惟 500 to 2000 MHz Power Splitter/Combiner 2 Way-0 50Ω 500 to 2000 MHz
|
Mini-Circuits
|
27C256/BXA-25 27C256/BUA-25 27C256/BXA-20 27C256/B |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC Evaluation Kit for the MAX3873 Evaluation Kit for the MAX3872, MAX3874 Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC Evaluation Kit for the MAX3980, MAX3981 Evaluation Kit for the MAX3982 x8存储 Quad Copper-Cable Signal Conditioner
|
NXP Semiconductors N.V.
|
S1Q S1ZZ |
1 Amp Silicon Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
MA80C186XL16 MA80C186XL20 |
16-Bit high-integration embedded processor. Speed version alailable - 16 MHz 16-Bit high-integration embedded processor. Speed version alailable - 20MHz
|
Intel
|