PART |
Description |
Maker |
TS1117B07 TS1117B TS1117BCPXXRO TS1117BCSXXRL TS11 |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
MC79L08F09 MC79L08F-TP |
Three-Terminal Low Current Negative Voltage Regulat
|
Micro Commercial Components
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
IRU1117-33PBF |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
International Rectifier
|
IRU1117-18 |
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
|
International Rectifier
|
IRU1117 |
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
International Rectifier
|
AIC1732 AIC1732-33 AIC1732-33CX AIC1732-34CX AIC17 |
800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
LT1117IST-2.85 LT1117IST-2.85-PBF LT1117IST-2.85-T |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
|
Linear Technology
|
OM7664SC OM7662 OM7662SC OM7663SC OM7662ST OM7663S |
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
List of Unclassifed Man... International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Omnirel
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
SPX1117M3-2-5 SPX1117M3-2-5_TR SPX1117M3-2-85 SPX1 |
3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Voltage Regulator
|
EXAR CORP SIPEX[Sipex Corporation]
|