PART |
Description |
Maker |
MAX5095AAUA MAX5095BAUA MAX5094CAUA MAX5095CAUA |
High-Performance, Single-Ended, Current-Mode PWM Controllers
|
Maxim Integrated Products http://
|
MAX5094AASA MAX5094AAUA MAX5094BAUA MAX5094C MAX50 |
High-Performance, Single-Ended, Current-Mode PWM Controllers
|
MAXIM[Maxim Integrated Products]
|
MIC5335-SKYMT MIC5335-JGYMT MIC5335-PGYMT MIC5335- |
Dual, High Performance 300mA μCap ULDO Dual, High Performance 300mA UCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor, Inc. MICREL INC
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MIC5331-MNYMT MIC5331-NNYMT MIC5331-PNYMT MIC5331- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO8 2 X 2 MM, MLF-8 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, MLF-8 Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor, Inc.
|
MC74LVX8051DTR2 |
Analog Multiplexer / Demultiplexer High−Performance Silicon−Gate CMOS 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16
|
ON Semiconductor
|
LS204I LS204C LS204D 4464 LS204 LS204N |
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS 高性能双运算放大器 From old datasheet system
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|