PART |
Description |
Maker |
SC23R01 |
8KBIT CONTACTLESS IC CARD
|
Silan Microelectronics
|
SC23R01T01002 |
8KBIT CONTACTLESS IC CARD
|
Silan Microelectronics Joint-stock
|
FM1208 |
Contactless CPU Card
|
FuDan
|
M35101 6225 |
Contactless Memory Card IC 13.56 MHz, 2048-bit High Endurance EEPROM From old datasheet system
|
STMicro
|
SRI51211 SRI512 SRI512-SBN18/1GE |
512-bit ISO14443-B contactless memory with 2 binary counters, 5 OTP blocks and anti-collision 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
93C56 M9306-RDW3T M9306-RDS3T M9306-RDS6T M9306-RD |
16Kbit / 8Kbit / 4Kbit / 2Kbit / 1Kbit and 256bit 8-bit or 16-bit wide Round Conductor Flat Cable, 3749/100 30 AWG, .025 (0.64) 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbitKbitKbitKbit56 8位或16位全 CONNECTOR ACCESSORY 连接器附 HOT MELT ADHESIVE VO-Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 HOT MELT ADHESIVE Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbit4KbitKbit1Kbit56 8位或16位全 TRANS PREBIASED NPN 200MW SOT323 16KbitKbitKbitKbitKbit56 8位或16位全 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
THNCFXXXBAI THNCF096MBA THNCF096MBAI THNCF192MBAI |
Small Form Factor Card The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card. 在THNCFxxxMBA /白系列CF卡是闪存技术,ATA接口的闪存卡的
|
Toshiba Corporation Toshiba, Corp.
|
BR93G76F-3 BR93G76F-3GTE2 BR93G76FJ-3 BR93G76FV-3 |
Microwire BUS 8Kbit(512x16bit) EEPROM
|
ROHM
|
BR25L080FVT-W BR25L080FJ-W BR25L080FV-W BR25L080F- |
SPI BUS 8Kbit (1,024 x 8bit) EEPROM
|
ROHM[Rohm]
|
E5561 |
e5561 Advance Information [Updated 4/03. 26 Pages] Read/Write transponder IC for contactless RF identification for highly sophisticated security Read/Write transponder IC for contactless RF identification for highly sophisticated security applications.
|
Atmel
|
AS7C252MFT18A AS7C252MFT18A.V1.2 AS7C252MFT18A-85T |
2.5V 2M x 18 Flow-through synchronous SRAM 2M X 18 STANDARD SRAM, 10 ns, PQFP100 CARD READER 2 TRACK SWIPE RS232 CARD READER FULL INSERT USB CARD READER SNG TRACK MAN SWIPE CARD READER 3 TRACK FULL INSERT CARD READER FULL INSERT RS-232 From old datasheet system Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M95160-WMN6T M95080 M95080-BN3 M95080-BN3T M95080- |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMICROELECTRONICS[STMicroelectronics]
|