PART |
Description |
Maker |
TFPT0603 TFPT1206L1000DV TFPT1206L1002JM TFPT1206L |
SMD PTC - Nickel Thin Film Linear Thermistors THERMISTOR PTC 100 OHM 0.5% SMD - Tape and Reel Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 10000 ohm, SURFACE MOUNT, CHIP, 1206, LEAD FREE Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 5600 ohm, SURFACE MOUNT, CHIP, 1206, LEAD FREE Thermistor PTC 680Ohm 5% 2-Pin 1206 T/R
|
Vishay Siliconix Vishay Dale
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
STB35NF10T4 |
THERMISTOR PTC 6V .35A RESETTABL 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 40A条(丁)|63AB
|
STMicroelectronics N.V.
|
BCW60B BCW60D BCW60 BCW60C BCW60_3 BCW60B/T1 BCW60 |
From old datasheet system NPN GENERAL PURPOSE TRANSISTORS PTC Resettable Fuse; Series:1206L; Thermistor Type:PTC; Operating Voltage Max:24VDC; Holding Current:200mA; Tripping Current:420mA; External Depth:1mm; Length:3.5mm; Initial Resistance Min:0.65ohm; Initial Resistance Max:1.55ohm HDW,FUSEHOLDER,SMT
|
NXP Semiconductors Philips Semiconductors
|
307C1171 307C1654 307C1223 307C1224 307C1225 307C1 |
PTC Thermistors For Electronic Fluorescent Ballasts PTC热敏电阻荧光灯电子镇流器
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
0ZRA0800FF1A |
PTC Resettable Devices, 8A 16V RADIAL BULK RESISTOR, TEMPERATURE DEPENDENT, PTC, THROUGH HOLE MOUNT
|
Honeywell International, Inc.
|
10KD-5 5DT-1 |
Thermistor, NTC, Disk, 4200K Sensitivity Index Thermistor: NTC: High Quality Stable: 3330K Sensitivity Index
|
Ishizuka Electronics Corp.
|
MF-USMF MF-USMF020 MF-USMF050 MF-USMF035 MF-USMF00 |
MF-USMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
MF-NSMF020 MF-NSMF200 MF-NSMF012-2 MF-NSMF035 MF-N |
MF-NSMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
SMD050 |
PolySwitch PTC Devices Poly Switch PTC Devices
|
MACOM[Tyco Electronics]
|
|