PART |
Description |
Maker |
PLC-BSC-5DC |
6.2 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 5 V DC
|
PHOENIX CONTACT
|
XKA20420R |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKH20120 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
3RP1505-1AQ30 3RP1525-1AQ30 3RP1525-1BQ30 3RP1525- |
MULTI-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT ON-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT Multifunction Solid State DIN Mount Time Delay Relay Multifunction Solid State DIN Mount Time Delay Relay
|
Ecliptek, Corp. Tyco Electronics
|
MS11-CMX MS11-CMX60D10 MS11-CMX100D6 MS11-CX2405A |
RELAY SSR SPST-NO 60VDC 10A DIN TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 3 -10 Amp 0-200 Vdc DC Output
|
Crydom, Inc. Crydom Inc.,
|
DR48D30 DR48D25-21 DR48A25 DR48A25-22 DR48R25 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated.
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|