PART |
Description |
Maker |
SOB96366WF |
Ready to use Double Power Solid State Relay
|
celduc-relais
|
PLC-BSC-230UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 230 V AC/DC
|
PHOENIX CONTACT
|
SSRK-600A10 SSRK-600A20 SSRK-600A30 SSRK-600D10 SS |
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
|
Tyco Electronics
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
PS7141L-1C PS7141-1C PS7141L-1C-E4 |
Solid State Relay OCMOS FET(固态继电器) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
ED24B5 ED24C3 ED24C3R ED24C5 ED24D3 ED24D5 ED24DX |
DIN rail mount AC output Solid State Relay in an Industry standard EMR plug in package
|
Crydom Inc.,
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|