PART |
Description |
Maker |
SWM862080 |
Ready to use Solid State Relay
|
celduc-relais
|
SOB94366WF |
Ready to use Double Power Solid State Relay
|
celduc-relais
|
XKH20120 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKA20420D |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
3RP1505-1AQ30 3RP1525-1AQ30 3RP1525-1BQ30 3RP1525- |
MULTI-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT ON-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT Multifunction Solid State DIN Mount Time Delay Relay Multifunction Solid State DIN Mount Time Delay Relay
|
Ecliptek, Corp. Tyco Electronics
|
MS11-CMX MS11-CMX60D10 MS11-CMX100D6 MS11-CX2405A |
RELAY SSR SPST-NO 60VDC 10A DIN TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 3 -10 Amp 0-200 Vdc DC Output
|
Crydom, Inc. Crydom Inc.,
|
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
ED24B5 ED24C3 ED24C3R ED24C5 ED24D3 ED24D5 ED24DX |
DIN rail mount AC output Solid State Relay in an Industry standard EMR plug in package
|
Crydom Inc.,
|
53254 |
40VDC - 10A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|