PART |
Description |
Maker |
B57861S0303F045 B57861S0103F045 B57861S0502F045 |
Miniature Sensors, Close B Value Tolerance
|
EPCOS
|
180-060XMS7-11-2SN 180-060XM06-17-8PN 180-060XM06- |
Close-Tolerance Connectors
|
Glenair, Inc.
|
A1642LK A1642LK-I1-T A1642LK-I2-T A1642LKTN-I1-T A |
Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
|
Allegro MicroSystems
|
2200163 |
Mounting close to the edge provides wiring advantages
|
PHOENIX CONTACT
|
KAQV414S |
SSR MOSFET Output, Normal Close Type
|
Cosmo Electronics
|
010163FB |
2 in 1 EARPHONE. DC JACK WITH SWITCH NORMAL CLOSE TYPE
|
SUYIN USA, INC.
|
AXS-7550-06-05 |
Clam shell design for easy open and close
|
Abracon Corporation
|
KAQW614S |
SSR MOSFET Output, Normal Close Normal Open Type
|
Cosmo Electronics
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
S5394-CL U6982-CL Q4470-CL S5499-DL T6437-DL T6650 |
Miniature SMT Transformers Transformer, miniature, 5-24V, SMT, RoHS PULSE TRANSFORMER FOR GATE DRIVE; RS-485, RS-232 DATA INTERFACE APPLICATION(S) Transformer, miniature, 3.3-5V, SMT, RoHS
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
NB4N121KMNR2G NB4N121K NB4N121KMN NB4N121KMNG NB4N |
3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
|
ONSEMI[ON Semiconductor]
|