PART |
Description |
Maker |
MA4P7470F-1072T |
2000 Volt & 3000 Volt PIN Diodes MA4PK2000, MA4PK3000
|
M/A-COM Technology Solutions, Inc.
|
KILOVOLT MA4PK3004 MA4PK3002 MA4PK3000 MA4PK3003 M |
2000 Volt & 3000 Volt PIN Diodes
|
M/A-COM Technology Solu...
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AT29C1024NBSP AT29C1024 |
1M bit, 5-Volt Read and 5-Volt Write Flash From old datasheet system
|
Atmel Corp
|
4302H5-5V 4302H5-12V 4302H1-12V 4302H1-5V 4302H3-1 |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
CML[Chicago Miniature Lamp,inc]
|
DS1693 DS1689 |
3-Volt/5-Volt Serialized Real Time Clock with NV RAM Control
|
Dallas
|
4302H-5V |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
Chicago Miniature Lighting,LLC
|
AT49BV002AT AT49BV002ANT |
256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash.
|
Atmel
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT29LV512NBSP |
512K, 3-Volt Read and 3-Volt Write Flash
|
Atmel Corp
|
HLMP16XX HLMP-3681OOB2 HLMP-1600 HLMP-1600OB00 HLM |
T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
|
HP[Agilent(Hewlett-Packard)] Agilent Technologies
|