PART |
Description |
Maker |
ST-10 ST-1.5 ST-5 DH200PL DH200RPL ST-3 A5067 A506 |
Intelligent Low-Flow Duct Smoke Detectors
|
Systemsensor advanced ideas.
|
17572 17572-G |
HTSNK. B X-FLOW. .9H LOW FLOW. THRU HOLE HTSNKB型X流0.9 低流量。通孔
|
Vicor, Corp. VICOR[Vicor Corporation]
|
15985 15985-8 |
HTSNK, B X-FLOW. .911 LOW FLOW. THREADED HTSNK,B型X流0.911低流量。螺 HTSNK B X-FLOW. .911 LOW FLOW. THREADED
|
Vicor, Corp. VICOR[Vicor Corporation]
|
16285 16285-A |
Slim Power Relay, 1 Form A, 6A 250VAC, Silver Alloy Contact HTSNK, C LONG. .4H LOW FLOW, THREADED HTSNK C LONG. .4H LOW FLOW THREADED
|
VICOR[Vicor Corporation]
|
15987-8 15987 |
HTSNK C X-FLOW. .911 LOW FLOW. THREADED HTSNK, C X-FLOW. .911 LOW FLOW. THREADED
|
VICOR[Vicor Corporation]
|
17574 17574-5 |
HTSNK. C X-FLOW .9H LOW FLOW. THRU HOLE HTSNK. C X-FLOW, .9H LOW FLOW. THRU HOLE
|
VICOR[Vicor Corporation]
|
GS8322Z18B-166I GS8322Z18B-225 GS8322Z18B-225I GS8 |
166MHz 8.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 225MHz 6.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 133MHz 11ns 2M x 18 36Mb NBT pipelined/flow through SRAM 150MHz 10ns 2M x 18 36Mb NBT pipelined/flow through SRAM 200MHz 7.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM
|
GSI Technology
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
74LVC540ADTR2G |
Low-Voltage CMOS Octal Buffer Flow Through Pinout
|
ON Semiconductor
|
IPS1011PBF |
INTELLIGENT POWER LOW SIDE SWITCH
|
International Rectifier
|