PART |
Description |
Maker |
LTC2192CUKGPBF LTC6421-20 LTC2259-14 LTC2190CUKGPB |
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology http://
|
LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC557 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs 2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64
|
Linear Technology, Corp.
|
LTC2205CUK-PBF LTC2204CUK-PBF LTC2205IUK-PBF LTC22 |
16-Bit, 65Msps/40Msps
|
Linear Technology
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC1415 LTC1415CSW LTC1415CG LTC1415IG LTC1415ISW |
From old datasheet system 12-Bit/ 1.25Msps/ 55mW Sampling A/D Converter 12-Bit, 1.25Msps, 55mW Sampling A/D Converter
|
LINER[Linear Technology]
|
LTC2205UK-14 LTC2205-14 LTC2205IUK-14 LTC2205CUK-1 |
14-Bit, 65Msps ADC
|
Linear Technology Corporation
|
MAX1211ETLT |
12-Bit, 65Msps, IF Sampling ADC
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX1211 MAX1211ETL |
65Msps, 12-Bit, IF Sampling ADC
|
MAXIM - Dallas Semiconductor
|
|