PART |
Description |
Maker |
MBD701-D MMBD701L MMBD701LT3 |
Silicon Hot-Carrier Diodes Schottky Barrier Diodes Small Signal Diode
|
ON Semiconductor
|
MMDL301T1G |
Silicon Hot-Carrier Diodes
|
ON Semiconductor
|
LMBD301LT1G-15 |
Silicon Hot?Carrier Diodes
|
Leshan Radio Company
|
MBD701 MMBD701LT1 MBD701_D |
70 VOLTS HIGH-OLTAGE SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
|
ONSEMI[ON Semiconductor]
|
MBD701 MBD701LT1 |
70 VOLTS HIGH.VOLTAGE SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
|
MOTOROLA[Motorola, Inc]
|
MMBD452LT1G MMBD452LT1G09 |
Dual Hot-Carrier Diodes Schottky Barrier Diodes
|
ON Semiconductor
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
BAT54HT1 ON0125 |
Schottky Barrier Diodes From old datasheet system 30 VOLT SILICON HOT-ARRIER DETECTOR
|
ON Semiconductor
|
DO-204AH BZX55C56RL BZX55C2V4 BZX55C62RL BZX83C2V7 |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% SMALL SIGNAL SCHOTTKY DIODE IC,QUAD 2:1,MUX/DEMUX,ANALOG LANSW,6.2V,SOIC16 500 mW DO-35 Glass Zener Voltage Regulator Diodes 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Single Supply, High Speed, Quad SPDT CMOS Analog Switch w/Master Enable 130 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 43 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 500毫瓦DO - 35玻璃封装稳压二极 GLASS ZENER DIODES 500 MILLIWATTS 1.8.200 VOLTS 玻璃封装二极管电压为500毫瓦1.8.200 500mW ZENER DIODE 500 mW DO-35 Glass Zener Voltage Regulator Diodes
|
http:// MOTOROLA INC Microsemi, Corp. Motorola Mobility Holdings, Inc. Diodes Incorporated Motorola Inc Motorola, Inc.
|
|