PART |
Description |
Maker |
IHB2EB1R0M IHB6BV6R8M IHB2BV121K IHB6BV123K IHB2BV |
General Fixed Inductor, 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,WIREWOUND,6.8UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,120UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,12MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,8.2UH,20% TOL,20% -TOL IND FLTR 33UH 20% 1KHZ 13.5A RDL - Bulk General Fixed Inductor, IND,WIREWOUND,390UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,3.3UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,8.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,820UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,22UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,10MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,18UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,150UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.5MH,10% TOL,10% -TOL
|
Vishay Dale
|
GN0012R200BB1280 G0101R000JS7333 G0011K500FE7380 G |
Res Wirewound 2.2 Ohm 0.1% 1W ±50ppm/C Ceramic Hi Temp Sil AXL Thru-Hole Bulk 10W,1OHM,5%,T/R - Tape and Reel G, GN Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead VISGN003R3300FE7080 GN-3-80 .33 1% E70 E
|
Vishay Dale
|
NIN-HK5N6JTRF NIN-HK2N2STRF NIN-HD2N2JTRF NIN-HD8N |
Wirewound Chip Inductors 1 ELEMENT, 0.18 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.39 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.22 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.1 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.15 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.33 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.009 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.039 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.0085 uH, GENERAL PURPOSE INDUCTOR, SMD Wirewound Chip Inductors 1 ELEMENT, 0.01 uH, GENERAL PURPOSE INDUCTOR, SMD
|
NIC Components Corp. NIC Components, Corp. TDK, Corp.
|
126S 117S 151S 176S |
THYRISTOR/DIODE MODULE, 40A 1200VTHYRISTOR/DIODE MODULE, 40A 1200V; Voltage, Vrrm:1200V; Current, It av:40A; Case style:SEMIPACK 1; Current, It rms 3/8 (9.52mm) Sq. Wirewound Trimmers 3/8in [9.52mm] Sq. Wirewound Trimmers, Precious Metal Wiper, Solderable Leads, Military Quality at Affordable Prices
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
ATS135-100-BB ATS135-100-BT ATS135-100-CB ATS135-1 |
TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR’S FROM 80 TO 6000 PPM TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR?? FROM 80 TO 6000 PPM TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR隆炉S FROM 80 TO 6000 PPM
|
RCD COMPONENTS INC.
|
KNP-1_2W KNP KNP-1W KNP-1/2W KNP-2W KNP-8W |
WIREWOUND RESISTORS
|
Willow Technologies Ltd Willow Technologies Limited
|
RTE55 RT55 |
Wirewound Rheostat/Potentiometer
|
VISAY[Vishay Siliconix]
|
102 SM-9 SP5232 SM-4 SM-8 SM-3 106 100 120 SM-12 S |
Precision Wirewound Resistors
|
Riedon Powertron
|
ULW ULW2 ULW2-33RJA25 ULW2-33RJA1 ULW2-33RJT075 UL |
UL Recognised Wirewound Resistors
|
TT Electronics.
|
NLQ32K101TRF NLQ32MR22TRF NLQ32K470TRF NLQ32M1R0TR |
Wirewound Chip Inductors
|
NIC-Components Corp.
|
SCI1008LP-15NF SCI1008LP-20NF SCI1008LP-30NF SCI10 |
WIREWOUND CHIP INDUCTORS
|
Superworld Electronics
|
|