PART |
Description |
Maker |
LANEUW1209R3 |
3 Watts Maximum Output Power
|
Wall Industries,Inc.
|
FEC30-24D12W FEC30-24D15W FEC30-24S05W FEC30-24S12 |
30 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD Power Mate Technology C...
|
PDL03-12S05W PDL03-48S12W PDL03-48S15W PDL03-12D05 |
3 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
2N5954 2N6373 2N6374 2N5956 2N5955 |
BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 3; FREQUENCY RANGE: 2 - 200 MHz; MINIMUM ISOLATION: 25 dB; VSWR: 1.35 MAXIMUM; MAXIMUM INSERTION COMPLEMENTARY SILICON POWER TRANSISTORS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
GPM200E GPM200F GPM200B GPM200D GPM200A |
Maximum Continuous Output Power at 50°C With external 26 cfm Airflow = 200 W
|
SL Power Electronics
|
9115 9115-AT 9117 |
Multi-ranging operation (output up to max power rating within maximum voltage and
|
List of Unclassifed Man...
|
PD110-23HA PD110-40LC PD110-42LA PD110-45-1LC PD11 |
DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A. Output #3: Vnom -12V, Imin 0A, Imax 1A. Output #4: Vnom -5V Imin 0A, Imax 1A. DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A. Output #3: Vnom -12V, Imin 0A, Imax 1A. Output #4: Vnom 12V Imin 0A, Imax 1A. DC/DC converter. Maximum output power 110 W. Output #1: Vnom 5V, Imin 0.8A, Imax 10.0A. Output #2: Vnom 12V, Imax 5A, Ipeak 9.0A. Output #3: Vnom -12V, Imin 0A, Imax 1A. Output #4: Vnom 24V Imin 0A, Imax 3A.
|
International Power Sources
|
FKC08-12D15 FKC08-12D05 FKC08-12D12 FKC08-12S33 FK |
8 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FKC08-24D05W FKC08-48D15W FKC08-24S15W FKC08-48S05 |
8 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FDC20-12S12 FDC20-12T3312 FDC20-12T3315 FDC20-24T0 |
20 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|