PART |
Description |
Maker |
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC |
3-1/2 digit analog-to-digital converters with drives LED The TC7106A and TC7107A 3-1/2 digit direct-display drive analog-to-digital converters allow existing 7106/7107 based systems to be upgraded. Each device has a precision reference with a 20ppm/°C max temperature coefficient. This repre 3-1/2 digit analog-to-digital converters with drives LCD
|
MICROCHIP[Microchip Technology]
|
SMT15E SMT15E-05S2V5 SMT15E-05S3V3 |
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
|
Artesyn Technologies
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
CS5014-BL14 CS5014-BL14Z CS5016 CS5016-BL16 CS5012 |
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC44
|
Cirrus Logic, Inc.
|
T7-2S1212N T7-2S1215N T7-2S1205N T7-2S2405N T7-2D1 |
DC/DC CONVERTERS DC/DC CONVERTERS 14-Pin DIP, Unregulated 2 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
SP774BJ SP1674BJ |
12–Bit Sampling A/D Converters 12鈥揃it Sampling A/D Converters
|
SIPEX
|
ADC0802 ADC0802LCD ADC0802LD ADC0803LCWM ADC0803LD |
From old datasheet system 8-Bit, Microprocessor-August Compatible, A/D Converters 8-Bit, Microprocessor- Compatible, A/D Converters 8-Bit/ Microprocessor- Compatible/ A/D Converters
|
http:// INTERSIL[Intersil Corporation]
|