PART |
Description |
Maker |
RS0219 |
DIOD ASSEMBLY
|
Solid States Devices, Inc
|
APTM100UM45DAG |
Single Switch Series Diodes
|
Microsemi
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
APTM120U10DAG08 |
Single switch with Series diodes MOSFET Power Module
|
Microsemi Corporation
|
APTM120U10SAG |
Single switch Series & parallel diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM100U13S |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF300U120DG |
Single Switch with Series diodes NPT IGBT Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTGL475U120DAG |
Single switch with Series diode Trench Field Stop IGBT4
|
Microsemi Corporation
|
APTM50UM19S |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
ESCJ-2-5TR ESCJ-2-5 |
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination E系列280功分5 - 200兆赫 E-Series 2-Way 180 Power Divider 5 - 200 MHz E系列280功分5 - 200兆赫
|
TE Connectivity, Ltd. MACOM[Tyco Electronics]
|