PART |
Description |
Maker |
80E-1C-15.5 2R-1BI-5.5 200E-3C-15.5 200E-3CL-15.5 |
Medium Voltage Fuses
|
Littelfuse http://
|
F0603FF0500V032T F0402FA0750V024T F0402FA1500V024T |
1206 High Current Rating Fast Acting Surface Mount Fuses 0603 Fast Acting Surface Mount Fuses HA Series of Surface Mount Multilayer Varistors 1206 Fast Acting Surface Mount Fuses 0603 Very Fast Acting Surface Mount Fuses 0402 Fast Acting Surface Mount Fuses 1206 High Inrush Current Surface Mount Fuses 1206 Slow Blow Surface Mount Fuses
|
AEM
|
PFMD.150.2 PFMD.014.2 PFMD.020.2 PFMD.030.2 PFMD.0 |
Subminiature PCB PTC-fuses; for electronic devices; Voltage Rating: 6V; Current Rating: 1.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT Surface Mount PTC-Fuses
|
SCHURTER AG Schurter Inc.
|
4530 HVL-1-1/2 HVR-5 HVL-1/16 HVL-1/2 HVL-1/4 HVL- |
Fuse Buss High Voltage Fuses
|
Cooper Bussmann, Inc.
|
0508315MXP 0508.315MXP 0508.500MXP |
Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
|
Littelfuse
|
0498030 0498040 0498050 0498060 0498070 0498080 04 |
Blade Terminal & Special Purpose Fuses - Low Voltage
|
LITTELFUSE[Littelfuse]
|
99707.5 997 997002 997003 997004 997005 997010 997 |
Blade Terminal & Special Purpose Fuses - Low Voltage
|
LITTELFUSE[Littelfuse]
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP |
Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay
|
0454.750MR 0452.375MRL 0452.375NRL 045202.5NRL 045 |
Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series The NANO2 Slo-Blo? fuse has enhanced inrush withstand characteristics over the NANO2 Fast-Acting fuse. Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Littelfuse
|