PART |
Description |
Maker |
310-025105-012 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
310-024103-022 024103-022 |
Filtered Low Noise Amplier
|
API Technologies Corp Spectrum Microwave, Inc.
|
310-024107-021 024107-021 |
Filtered Low Noise Amplier
|
API Technologies Corp Spectrum Microwave, Inc.
|
310-024105-021 024105-021 |
Filtered Low Noise Amplier
|
API Technologies Corp Spectrum Microwave, Inc.
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ATF-551M4 ATF-551M4-TR2 ATF-551M4-BLK ATF-551M4-TR |
ATF-551M4 · Single Voltage E-pHEMT Low Current Low Noise 24dBm OIP3 in MiniPak Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HEM572 |
Medium Power Amplier
|
BOWEI Integrated Circuits CO.,LTD.
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
BC559B BC560C ON0153 BC559C BC559BZL1 |
Low Noise Transistor PNP Low Noise Transistors CASE 29-04, STYLE 17 TO-2 (TO-226AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
MGA-683P8-BLKG MGA-683P8-TR1G |
Low Noise And High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|