PART |
Description |
Maker |
XC3S1000-4CP132C XC3S1000-4TQ144I XC3S1000-4PQ208C |
Spartan-3 FPGA Family: Complete Data Sheet FPGA, 192 CLBS, 50000 GATES, PBGA132 Spartan-3 FPGA Family: Complete Data Sheet FPGA, 192 CLBS, 50000 GATES, PQFP100 Spartan-3 FPGA Family: Complete Data Sheet FPGA, 192 CLBS, 50000 GATES, PQFP144
|
Xilinx, Inc.
|
XC2S100-5TQ144I XC2S150-5FG456C XC2S50 XC2S15-5VQ1 |
Streamlined features based on Virtex architecture Spartan-II 2.5V field programmable gate array. SPARTAN-II 2.5V FPGA FAMILY:INTRODUCTION AND ORDERING INFORMATION
|
XILINX[Xilinx, Inc]
|
XC3S50 XC3S1000 XC3S1500 |
(XC3S50 - XC3S5000) Spartan-3 FPGA Family
|
Xilinx
|
XC3S400 XC3S1000-4FG1156C XC3S1000-4FG676I XC3S100 |
SPARTAN-3 FPGA FAMILY : COMPLETE DATA SHEET
|
XILINX[Xilinx, Inc]
|
XC3S50-4CP132C XC3S50-4CPG132C XC3S50-4CPG132I XC3 |
Spartan-3 FPGA Family: Complete Data Sheet
|
Xilinx, Inc
|
XC17S200APD8C XC17S200APD8I XC17S200ASO20C XC17S20 |
Spartan-II/Spartan-IIE Family SPARTAN-II/SPARTAN-IIE FAMILY OTP CONFIGURATION PROMS
|
XILINX[Xilinx, Inc]
|
XCS30 XCS10-3BG256C XCS10-3BG256I XCS10-3CS144C XC |
Available in both 5V and 3.3V versions FPGA, 576 CLBS, 10000 GATES, 125 MHz, PQFP100 FPGA, 576 CLBS, 10000 GATES, 166 MHz, PQFP144 FPGA, 784 CLBS, 13000 GATES, 125 MHz, PQFP208 FPGA, 784 CLBS, 13000 GATES, 166 MHz, PQFP240 XCS40XL-4PQ240C - NOT RECOMMENDED for NEW DESIGN FPGA, 784 CLBS, 13000 GATES, 217 MHz, PQFP240 Spartan and Spartan-XL FPGA Families Data Sheet Full readback capability for program verification
|
XILINX INC Xilinx, Inc. http://
|
EK-S6-SP601-G |
SPARTAN-6 FPGA SP601 EVALUATION KIT
|
Xilinx, Inc
|
EK-S6-SP605-G |
Spartan -6 FPGA SP605 eval uation kit
|
Xilinx, Inc
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
A500K270-PQ208 A500K270-BG208 A500K270-BG208ES A50 |
FPGA, 105000 GATES, PBGA272 FPGA, 105000 GATES, PQFP208 FPGA, PQFP208 PLASTIC, QFP-208 ProASIC 500K Family FPGA, 105000 GATES, PBGA456
|
NXP Semiconductors N.V. Actel Corporation
|
XA3S200A-4FTG256Q XA3S200A-4FTG256I XA3SD1800A-4CS |
Data Sheet Revisions for Xilinx Automotive (XA) Spartan-3A/-3A DSP FPGA Devices Data Sheet Revisions for Xilinx Automotive (XA) Spartan-3A/-3A DSP FPGA Devices
|
Xilinx, Inc
|