PART |
Description |
Maker |
AD22105AR-REEL7 AD22105ARZ-REEL7 |
Low Voltage, Resistor Programmable Thermostatic Switch Low Voltage/ Resistor Programmable Thermostatic Switch DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 2Cel, RECTANGULAR, SURFACE MOUNT SOIC-8 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86%
|
Analog Devices, Inc.
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
HMC678LC3C |
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
|
Hittite Microwave Corporation
|
TL431AM |
Programmable Output Voltage to 40V CHIP
|
Estek Electronics Co. Ltd
|
2B23 |
Programmable Output, Isolated Voltage-to-Current Converter
|
List of Unclassifed Manufacturers Intronics
|
2B23 |
Programmable Output, Isolated Voltage-to-Current Converter
|
Intronics Power, Inc.
|
AD57481 |
Industrial Current/Voltage Output Driver with Programmable Ranges
|
Analog Devices
|
HMC853LC3C09 |
28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
|
Hittite Microwave Corporation
|
HMC748LC3C HMC748LC3C11 |
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
|
Hittite Microwave Corporation
|
HMC722LC3C |
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
|
Hittite Microwave Corporation
|