PART |
Description |
Maker |
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
SE5218FLG-LF SE5218ALG-LF SE5218CLG-LF SE5218ELG-L |
500mA CMOS LDO Voltage Regulator
|
Seaward Electronics Inc.
|
BU33SD5WG-TR |
1ch 500mA CMOS LDO Regulator
|
ROHM
|
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
TC1263 TC1263-25VAT |
500mA fixed output CMOS LDO with shutdown, 2.5V
|
MICROCHIP[Microchip Technology]
|
SP6203EM5 SP6205ER_TR SP6203 SP6203_07 SP6203EM5_T |
Low Noise, 300mA and 500mA CMOS LDO Regulators
|
SIPEX[Sipex Corporation]
|
SP6203EM5-L |
300mA/500mA Low Noise CMOS LDO Regulators
|
Exar Corporation
|
CM3016-48ST CM3016-48 CM3016-48SO |
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
|
CALMIRCO[California Micro Devices Corp]
|
NCP605MN15T2G NCP606MN15T2G NCP605MNADJT2G NCP606M |
500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
|
ON Semiconductor
|
KIC3210T-02X KIC3210T-03X |
(KIC3210T-0x5) CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
|
KEC
|