PART |
Description |
Maker |
IRF634NL IRF634NS IRF634NSTRR |
Power MOSFET(Vdss=250V/ Rds(on)=0.435ohm/ Id=8.0A) Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.435ohm,身份证\u003d 8.0A TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 8A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 8A条(丁)|63AB
|
International Rectifier, Corp.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF644B IRFS644B IRF644 IRF644BFP001 |
250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRF644 & IRF644A
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFP244 |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=15A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A) 功率MOSFET(减振钢板基本\u003d 250V,的Rdson)\u003d 0.28ohm,身份证\u003d 15A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFN214B IRFN214BTAFP001 |
250V N-Channel B-FET 250V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFR234B IRFU234B IRFU234BTUFP001 |
250V N-Channel B-FET / Substitute of IRFU234A 250V N-CHANNEL MOSFET
|
Fairchild Semiconductor
|
F1740-3800 F1740-447-3820 F1740-427-3800 F1740-427 |
Suppression Capacitors for Washing Machines/Dishwashers Class X1/Y2 AC 275V/250V 抑制电容器洗衣机/洗碗机类X1/Y2交流275V/250V XTAL MTL T/H HC49/US Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
IRFW614B IRFI614B IRFI614BTUFP001 IRFW614BTMFP001 |
250V N-Channel B-FET / Substitute of IRFW614A 250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRFI614A
|
FAIRCHILD[Fairchild Semiconductor]
|
IRC634 |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
|
IRF[International Rectifier]
|
F1740-410-3581 F1740-410-3511 F1740-327-3581 F1740 |
CONN HDR 88POS TH Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V 抑制,(双极)电容器级X1Y2交流275V/250V Suppression/ (Bi-polar) Capacitors Class X1Y2 AC 275V/250V Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
NX7313UA-AZ |
WIRE, PTFE, A, ORANGE, 7/.012MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Orange; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
|
California Eastern Laboratories
|