PART |
Description |
Maker |
Q40N-5 Q101N-5 Q02-12 Q02-24 Q02-5 Q80-50 Q20-5 Q0 |
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
DTEM10702A DTEM10702D |
100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
|
Wall Industries,Inc.
|
GT-100-48 GT-100-7.5 GT-100-12 GT-100-24 GT-100-10 |
100 Watts, Switchmode Power Supply, Single Output, Enclosed, Universal Input 100瓦,开关电源,单路输出,封闭,通用输入
|
Electronic Theatre Controls, Inc.
|
HVP93-S360030 HVP93-S480022 HVP93-S050200 HVP93-S1 |
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HDH100-24B-S033300 HDH100-48B-S033300 HDH100-24B-D |
ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
|
HITRON ELECTRONICS CORPORTION
|
UMIL10 |
100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
|
ADPOW[Advanced Power Technology]
|
UMIL100A |
UHF 225-400 MHz, Class C, Common Emitter; P(out) (W): 100; P(in) (W): 16; Gain (dB): 8; Vcc (V): 28; Cob (pF): 120; fO (MHz): 0; Case Style: 55JU-2 UHF BAND, Si, NPN, RF POWER TRANSISTOR 100 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz 100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
Microsemi, Corp. Electronic Theatre Controls, Inc. ETC GHZTECH[GHz Technology]
|
HEMP100G-S120650-7L HEMP100G-S120650-8 HEMP100G-S1 |
HARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
2M5991 2N5989 |
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS 12安培功率晶体管互补性的芯片40,60,8000 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40/60/80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 /60 /80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 406080 VOLTS 100 WATTS
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
22-28-4096 0022284096 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 9 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 9 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 9 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
PH1113-100 |
Radar Pulsed Power Transistor - 100 Watts/ 1.1-1.3 GHz/ 3ms Pulse/ 30% Duty Radar Pulsed Power Transistor - 100 Watts, 1.1-1.3 GHz, 3ms Pulse, 30% Duty 雷达脉冲功率晶体 100瓦,11日至1月三日千兆赫,为3ms脉冲0%的关税
|
MACOM[Tyco Electronics]
|