PART |
Description |
Maker |
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
8XC52 8XC54 8XC58 87C51FB 80C51FA 80C32 83C52 87C5 |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQFP44 N-CHANNEL SILICON JUNCTION FET TO72 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 N-CHANNEL SILICON JUNCTION FET TO52 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 XLR Style Audio Connector; Mounting Type:In-Line; Gender:Male-Female Adapter; Approval Bodies:CE; Body Material:Brass; Series:F 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 80C51位单片机系列 Shelf; External Width:19"; Color:Metallic Gray; Keyboard Width Max:16.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 Shelf; External Width:23"; Color:Black; Keyboard Width Max:20.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44 POT 2K OHM 9MM SQ RTANG PLAST 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQCC44 Molded Enclosure, NEMA 4X /UL/IEC Plastic Box, Outdoor, Style B, Plastic Hinge with Snap Action Latch, 27.56 inch Height, 19.67 inch Width, 9.53 inch Depth NEMA BOX B, INDOOR SOLID NEMA BOX B, INDOOR CLEAR POT 100K OHM 9MM SQ PLASTIC DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 8XC51FA/FB/FC/80C51FA8XC51RA /RB /RC /RD /80C51RA 8K 4K/256K OTP/ROM/ROMless,low voltage, low power, high speed (33 MHz)(80C51 8位微控制器系列产 80C51 8-Bit Microcontroller Family (8K ROM,Low Voltage (2.7V-5.5V), Low Power, High Speed (33 MHz) )(80C51 8位微控制器系列产
|
http:// NXP Semiconductors N.V. Philips Semiconductors
|
P89LPC933_934_935 P89LPC933 P89LPC935 P89LPC934 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters The P89LPC933/934/935 is a single-chip microcontroller designed for
|
Philips Semiconductors
|
P89LPC9331HDH P89LPC9361FDH P89LPC9341FDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable 8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89LV51RB2BA P89LV51RC2FA P89LV51RB2 P89LV51RB2BBC |
8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V.
|
P89LPC932 P89LPC932BA P89LPC932BDH P89LPC932FDH P8 |
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
|
NXP Semiconductors N.V.
|
P83C660X2BBD P83C661X2BBD P87C660X2BBD P87C661X2BB |
80C51 8-bit microcontroller family
|
PHILIPS[Philips Semiconductors]
|
80C55483C55487C554 |
80C51 8-bit microcontroller 16 K / 512 OTP, 8 channel 10 bit A/D, IC, PWM, capture/compare, high I/O
|
Philips
|
P89LPC9381FDH P89LPC9381 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
P89LPC9341FDH P89LPC9361FDH P89LPC9331HDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RD2FA/01 P89C51RB2BBD/01 P89 |
80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V. Philips Semiconductors
|
|